Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9716BK Datasheet(PDF) 10 Page - Rohm

No. de pieza BU9716BK
Descripción Electrónicos  Picture cell driver for STN (LCD driver)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9716BK Datasheet(HTML) 10 Page - Rohm

Back Button BU9716BK Datasheet HTML 3Page - Rohm BU9716BK Datasheet HTML 4Page - Rohm BU9716BK Datasheet HTML 5Page - Rohm BU9716BK Datasheet HTML 6Page - Rohm BU9716BK Datasheet HTML 7Page - Rohm BU9716BK Datasheet HTML 8Page - Rohm BU9716BK Datasheet HTML 9Page - Rohm BU9716BK Datasheet HTML 10Page - Rohm BU9716BK Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Standard ICs
BU9716BK / BU9716BKV
Application example 2
96
Segment
LCD
OSC
VDD
VDD
VDD1
VDD2
VSS
RES
CS
CK
DI
C
0.047
µF
Controller
BU9716BK / BKV
COM1
COM2
COM3
S1
S2
S3
S4
S5
S6
S32
47k
1000pF
GND
R
R
1
1 / 2 bias mode
Fig.13
96
Segment
LCD
OSC
VDD
VDD
VDD1
VDD2
VSS
RES
CS
CK
DI
C
0.047
µF
Controller
BU9716BK / BKV
COM1
COM2
COM3
S1
S2
S3
S4
S5
S6
S32
47k
1000pF
GND
2 R
R
R
1 / 3 bias mode
The resistance values and capacitance for
1 and 2 should be set to match the LCD panel, and should be checked using test operation.
Fig. 14


Número de pieza similar - BU9716BK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9718KV ROHM-BU9718KV Datasheet
157Kb / 10P
   Picture cell driver for STN LCD driver for low voltage power supplies
More results

Descripción similar - BU9716BK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9718KV ROHM-BU9718KV Datasheet
157Kb / 10P
   Picture cell driver for STN LCD driver for low voltage power supplies
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
Sanyo Semicon Device
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
   LCD Dot Matrix Common Driver for STN Displays
logo
Samsung semiconductor
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
   160 COM / 160 SEG DRIVER FOR STN LCD
logo
Texas Instruments
SNJ557202E TI1-SNJ557202E Datasheet
43Kb / 3P
[Old version datasheet]   160-CHANNEL LCD DRIVER FOR DOT MTRIX STN
logo
Samsung semiconductor
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
   65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
logo
Generalplus Technology ...
GPLD2080A GENERALPLUS-GPLD2080A Datasheet
268Kb / 10P
   80 Channels SEGMENT STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com