Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145220 Datasheet(PDF) 11 Page - Motorola, Inc

No. de pieza MC145220
Descripción Electrónicos  MC145220 Evaluation Board Manual
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145220 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC145220 Datasheet HTML 7Page - Motorola, Inc MC145220 Datasheet HTML 8Page - Motorola, Inc MC145220 Datasheet HTML 9Page - Motorola, Inc MC145220 Datasheet HTML 10Page - Motorola, Inc MC145220 Datasheet HTML 11Page - Motorola, Inc MC145220 Datasheet HTML 12Page - Motorola, Inc MC145220 Datasheet HTML 13Page - Motorola, Inc MC145220 Datasheet HTML 14Page - Motorola, Inc MC145220 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
MC145220EVK
11
MOTOROLA
EXTERNAL REFERENCE INPUT
To use an external reference, disconnect J3, J4, J13, and J14. Use a reference signal at J2 which com-
plies with data sheet requirements. Then modify the reference frequency in the program main menu to
reflect the changes made (F menu item).
DATA TRANSFER FROM COMPUTER TO EVK
To control the serial input EVK with the parallel printer port, a conversion is done. Printer cards are de-
signed to output eight bits through eight lines. A bit mask is used to obtain the bit combination for the
three required output lines (Data, Clock, Load). As bytes are sent to the printer card in sequence, it ap-
pears to be a serial transfer. The printer port is used because data transfer using the serial port would be
much slower. A standard IBM PC can support a parallel port data rate of 4.77 MHz.
IBM PCs and compatibles can accept up to three printer port configurations. These ports are called
LPT1, LPT2, and LPT3. Each printer port has a unique address. Two sets of addresses are in common
use. One set applies to IBM PC XT, AT, and clones. The other is for the PS 2 line. To load data into the
EVK, the correct address must be selected. The program default is $278. If $278 is not the address in
use, it must be modified by entering the P menu item in the main menu. All allowed addresses given in
hexadecimal are as follows:
Label
IBM PC and Clones
PS 2
LPT1
278
3BC
LPT2
378
378
LPT3
3BC
278
Up to three EVK boards can operate independently from one printer port. All lines on the printer port are
connected to every EVK. Even with three boards operating, only three output lines (Clock, Data, and
Load) from the printer card are used. If two boards are controlled together, data for the second board is
received from the Output A of the first. Output A is a configurable output on ’220 devices, which in this
case is used to shift data through chip 1 into chip 2. Output A and Data are connected using a printer port
input line. This was done to avoid connecting extra wires. Fortunately not all port input lines are needed
for computer input. Load and Clock are common to both boards.
A three–board cascade is handled similarly to a two–board cascade. Out A on the first board is fed to
Data on the second. Out A on the second connects to Data on the third. Instructing the program on the
quantity of boards connected together allows it to modify the number of bits sent.
All boards have a DIP switch S1 which gives each a unique address. The configuration menu is used to
tell the program what type of board is connected at a board address. Switch positions for all possible
addresses are given in Figure 3.


Número de pieza similar - MC145220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
MC14522BCL MOTOROLA-MC14522BCL Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
MC14522BCP MOTOROLA-MC14522BCP Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
MC14522BDW MOTOROLA-MC14522BDW Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
More results

Descripción similar - MC145220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com