Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD-101 Datasheet(PDF) 2 Page - Rohm

No. de pieza LD-101
Descripción Electrónicos  Flat displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LD-101 Datasheet(HTML) 2 Page - Rohm

  LD-101 Datasheet HTML 1Page - Rohm LD-101 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LD-101 Series
LED displays
!
!
!
! Electrical and optical characteristics
(Ta = 25
°C)
Parameter
Symbol
Red
Orange
Yellow
Green
Unit
Conditions
Min.
Typ. Max. Min.
Typ. Max.
2.8
V
µA
nm
nm
2.0
2.8
2.0
650
40
10
610
40
10
−−
−−
Min.
Typ. Max.
2.8
2.1
585
40
10
−−
Min.
Typ. Max.
2.8
2.1
563
40
10
−−
IF
= 10mA
VR
= 3V
IF
= 10mA
IF
= 10mA
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half
width
!
!
!
!Luminous intensity vs. wavelength
1.0
0.8
0.6
0.4
0.2
0
500
550
600
650
700
750
Wavelength :
λP (nm)
Green
Yellow
Orange
Red
!
!
!
! Luminous intensity
Color
Orange
Yellow
Green
Type
LD-101VR
LD-101DU
LD-101YY
LD-101MG
Red
Min.
0.9
0.9
0.9
1.4
Typ.
2.5
2.5
2.5
4.0
Max.
Unit
mcd
mcd
mcd
mcd
Note : Measured at IF = 10mA
!
!
!
! Operation notes
When forming leads, the bend should be at least 2mm from the base of the package. Solder after forming the leads, and
ensure that the inside of the LED is not subjected to mechanical stress while it is hot.


Número de pieza similar - LD-101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHC AXIOMTEK-LD-101-AHC Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHG AXIOMTEK-LD-101-AHG Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHO AXIOMTEK-LD-101-AHO Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHP AXIOMTEK-LD-101-AHP Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
More results

Descripción similar - LD-101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
   Flat displays
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
   Flat displays
LD-603 ROHM-LD-603 Datasheet
56Kb / 2P
   Flat displays
LD-701 ROHM-LD-701 Datasheet
56Kb / 2P
   Large flat displays
logo
Cooper Bussmann, Inc.
CC12H4A-TR COOPER-CC12H4A-TR Datasheet
876Kb / 9P
   Flat panel displays and televisions
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com