Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-35150-0292 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-35150-0292
Descripción Electrónicos  1.78mm (.070") Tab Wire-to-Wire TPA?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35150-0292 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35150-0292 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35150-0292 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351500292
Status:
Active
Overview:
versablade
Description:
1.78mm (.070") Tab Wire-to-Wire TPA™, 6.20mm (.244") Pitch, 2 Circuits, Red
Documents:
3D Model
Product Specification PS-35524-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35150-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Accessories
Series
35150
Comments
35150 VersaBlade™ Hybrid Receptacle Housing, 35151
Component Type
Retainer
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (Loaded)
2
Color - Resin
Natural
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35150-001, PS-35524-001
Sales Drawing
SD-35150-029*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Use With
35150 VersaBlade™ Hybrid Receptacle
Housing, 35151
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-35150-0292

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-35150-0210 MOLEX4-SD-35150-0210 Datasheet
104Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with Mounting Ears, 2 Circuits
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com