Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-35072-9702 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-35072-9702
Descripción Electrónicos  MP-Lock??Quick Disconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35072-9702 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35072-9702 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35072-9702 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350729712
Status:
Active
Description:
MP-Lock™ Quick Disconnect, Female, for 18-22 AWG (0.80-0.33mm²), Metal Strip,
Tab 6.35 by 1.00mm (.250 by .039"), Pre-Tin Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
35072
Crimp Quality Equipment
Yes
Product Name
MP-Lock™
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Polarized to Mating Part
Yes
Tab Thickness
1.00mm (.039")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.50-3.20mm (.060-.125") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.33 - 0.80
Electrical
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-35072-9702
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35072Series
Use With
35196 , 35959
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
for .250 MP-Lock
Crimp Terminals
0638196300
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-35072-9702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
SD-350 ASTRODYNE-SD-350 Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350 MEANWELL-SD-350 Datasheet
207Kb / 3P
   350W Single Output DC-DC Converter
SD-350 MEANWELL-SD-350 Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Optoway Technology Inc
SD-3500 OPTOWAY-SD-3500 Datasheet
72Kb / 2P
   1310 nm Light Emitting Diode with Multi-Mode Fiber Receptacle
SD-3500-F OPTOWAY-SD-3500-F Datasheet
72Kb / 2P
   1310 nm Light Emitting Diode with Multi-Mode Fiber Receptacle
More results

Descripción similar - SD-35072-9702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0350979712 MOLEX4-0350979712 Datasheet
129Kb / 3P
   MP-Lock??Quick Disconnect
0638135600 MOLEX11-0638135600 Datasheet
27Kb / 1P
   Extractor Tool for MP-Lock Quick Disconnect Receptacle Terminals
0638135600 MOLEX-0638135600 Datasheet
28Kb / 1P
   Extractor Tool for MP-Lock Quick Disconnect Receptacle Terminals
11/02/2021
0638019000 MOLEX-0638019000 Datasheet
56Kb / 1P
   Mini-Mac Applicator for MP-Lock??Quick Disconnect Terminals, Female, 20-22 AWG
01/25/2022
logo
Glenair, Inc.
880-042R GLENAIR-880-042R Datasheet
464Kb / 2P
   Quick Disconnect
880-041R GLENAIR-880-041R Datasheet
463Kb / 2P
   Quick Disconnect
logo
Molex Electronics Ltd.
0190190038 MOLEX4-0190190038 Datasheet
239Kb / 3P
   Avikrimp??Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
   Krimptite??Quick Disconnect
0190170012 MOLEX4-0190170012 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
0190030041 MOLEX4-0190030041 Datasheet
222Kb / 3P
   InsulKrimp??Quick Disconnect
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com