Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-35040-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-35040-001
Descripción Electrónicos  1.85mm (.070") Tab Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35040-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35040-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35040-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350409802
Status:
Active
Description:
1.85mm (.070") Tab Terminal, Male, 18-20 AWG (0.82-0.52mm²), (.012") Thickness,
Pre-Tin Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35127-001 (PDF)
General
Product Family
Crimp Terminals
Series
35040
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.40-4.00mm (.094-.157")
Wire Size AWG
18, 20
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35127-001
Sales Drawing
SD-35040-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35040Series
Mates With
35068
Use With
35127
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-35040-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-35047-001 MOLEX4-SD-35047-001 Datasheet
124Kb / 2P
   2.50mm (.098") Pitch Board-In Terminal, Pre-Plated
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com