Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA-221-10T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SA-221-10T
Descripción Electrónicos  Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10, Mylar TapeCarrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SA-221-10T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SA-221-10T Datasheet HTML 1Page - Molex Electronics Ltd. SA-221-10T Datasheet HTML 2Page - Molex Electronics Ltd. SA-221-10T Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640306
Status:
Active
Description:
Perma-Seal™ Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10, Mylar Tape
Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Perma-Seal™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
NiAc™
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
10 (M5)
Wire Insulation Diameter
5.97mm (.235")
Wire Size AWG
18, 20, 22
Wire Size mm²
0.38 - 0.96
Material Info
Old Part Number
SA-221-10T
Reference - Drawing Numbers
Sales Drawing
SD-19164-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
ATP Perishable Tool
Kit Used in ATP
Presses that Process
18-22 AWG Product
on Tape
0198082009
Hand Crimp Tool, UL
Approved
0640017400


Número de pieza similar - SA-221-10T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SA-221-10 MOLEX4-SA-221-10 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal
More results

Descripción similar - SA-221-10T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0191640419 MOLEX4-0191640419 Datasheet
102Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8, Mylar TapeCarrier
0191640312 MOLEX4-0191640312 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10, Mylar TapeCarrier
0191640318 MOLEX4-0191640318 Datasheet
112Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud 5/16, Mylar TapeCarrier
0190740008 MOLEX4-0190740008 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10, Mylar TapeCarrier
0191640085 MOLEX4-0191640085 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0191640309 MOLEX4-0191640309 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 5/16, Mylar TapeCarrier
0191640086 MOLEX4-0191640086 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0190770006 MOLEX4-0190770006 Datasheet
108Kb / 3P
   Avikrimp??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8, Mylar TapeCarrier
0190750004 MOLEX4-0190750004 Datasheet
88Kb / 3P
   InsulKrimp??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8, Mylar TapeCarrier
0191640008 MOLEX4-0191640008 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com