Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14551B Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC14551B
Descripción Electrónicos  Quad 2-Channel Analog Multiplezer/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14551B Datasheet(HTML) 2 Page - Motorola, Inc

  MC14551B Datasheet HTML 1Page - Motorola, Inc MC14551B Datasheet HTML 2Page - Motorola, Inc MC14551B Datasheet HTML 3Page - Motorola, Inc MC14551B Datasheet HTML 4Page - Motorola, Inc MC14551B Datasheet HTML 5Page - Motorola, Inc MC14551B Datasheet HTML 6Page - Motorola, Inc MC14551B Datasheet HTML 7Page - Motorola, Inc MC14551B Datasheet HTML 8Page - Motorola, Inc MC14551B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14551B
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
VDD
Test Conditions
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Test Conditions
Min
Max
Min
Typ #
Max
Min
Max
Unit
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD
VDD – 3.0 ≥ VSS ≥
VEE
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
IDD
5.0
10
15
Control Inputs: Vin =
VSS or VDD,
Switch I/O: VEE v VI/O
v VDD, and ∆Vswitch
v 500 mV**
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µA
Total Supply Current
(Dynamic Plus
Quiescent, Per Package)
ID(AV)
5.0
10
15
TA = 25_C only (The
channel component,
(Vin – Vout)/Ron, is
not included.)
(0.07
µA/kHz) f + IDD
Typical
(0.20
µA/kHz) f + IDD
(0.36
µA/kHz) f + IDD
µA
CONTROL INPUT (Voltages Referenced to VSS)
Low–Level Input Voltage
VIL
5.0
10
15
Ron = per spec,
Ioff = per spec
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High–Level Input Voltage
VIH
5.0
10
15
Ron = per spec,
Ioff = per spec
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
Iin
15
Vin = 0 or VDD
±0.1
±0.00001 ±0.1
±1.0
µA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN — W, X, Y, Z (Voltages Referenced to VEE)
Recommended Peak–to–
Peak Voltage Into or Out
of the Switch
VI/O
Channel On or Off
0
VDD
0
VDD
0
VDD
Vp–p
Recommended Static or
Dynamic Voltage Across
the Switch** (Figure 3)
∆Vswitch
Channel On
0
600
0
600
0
300
mV
Output Offset Voltage
VOO
Vin = 0 V, No Load
10
µV
ON Resistance
Ron
5.0
10
15
∆Vswitch v 500 mV**,
Vin = VIL or VIH
(Control), and Vin =
0 to VDD (Switch)
800
400
220
250
120
80
1050
500
280
1200
520
300
∆ON Resistance Between
Any Two Channels
in the Same Package
∆Ron
5.0
10
15
70
50
45
25
10
10
70
50
45
135
95
65
Off–Channel Leakage
Current (Figure 8)
Ioff
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
±100
±0.05
±100
±1000
nA
Capacitance, Switch I/O
CI/O
Switch Off
10
pF
Capacitance, Common O/I
CO/I
17
pF
Capacitance, Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
Pins Adjacent
0.15
0.47
pF
#Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
** For voltage drops across the switch (
∆Vswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the
** current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the Maximum
** Ratings are exceeded. (See first page of this data sheet.)


Número de pieza similar - MC14551B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551B ONSEMI-MC14551B Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BCP ONSEMI-MC14551BCP Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Descripción similar - MC14551B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com