Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SA9106A Datasheet(Hoja de datos) 5 Page - Sames

No. de Pieza. SA9106A
Descripción  SINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMES [Sames]
Página de inicio  http://www.sames.co.za
Logo 

 
 5 page
background image
SA9106A
sames
5/14
Pin
Pin
Designation
Description
PLCC
DIP
31
39
TP39
Manufacturer's Test Pins (Leave unconnected)
32
40
TP40
1
TP1
4
TP4
5
TP5
9
TP9
12
TP12
37
TP37
38
TP38
44
TP44
PIN DESCRIPTION (Continued)
FUNCTIONAL DESCRIPTION
The SA9106A is a CMOS mixed signal Analog/Digital integrated circuit, which performs
bidirectional power calculations across a power range of 1000:1, to an overall accurancy
of better than 1% (± 1 count). An on-chip LED display driver directly drives a 5 digit (7
segment) LED display. The measured power is displayed in Watts.
The integrated circuit comprises of all the required functions such as two oversampling
A/D converters for the voltage and current sense inputs, power calculation and energy
integration. Internal offsets are eliminated through the use of cancellation procedures.
1.
Power Calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be
between 0 and 50mV (0 to 80A through a shunt resistor of 625µ
Ω). This voltage is
converted to a current of between 0 and 16µA, by means of resistors R
1 and R2.
The current sense input saturates at an input current of ±25µA peak.
For the voltage sense input, the mains voltage (230VAC) is divided down through
a divider to 14V. The resulting current into the A/D converter input is set at 14µA
at nominal mains voltage, via resistor R4 (1M
Ω).
In this configuration, with a mains voltage of 230 V and a current of 80A, the
displayed power is 18 400 Watts.
2.
LED Display Driver
The SA9106A has an on-chip LED display driver capable of driving 5 digit (7
segment) common cathode digits as well as a sign LED.
The sign LED is addressed by DIG [5], the most significant digit by DIG [4] and the
least significant digit by DIG [0].
The position of the segments a, b, c, d, e, f and g are shown in the diagram below:




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PM9106APASINGLE PHASE WATT MEASUREMENT MODULE WITH A 5 DIGIT LED DISPLAY 1 2 3 4 5 MoreSames
AME5136Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreAnalog Microelectronics
LM3520Integrated White LED Driver with Organic LED Display Power Supply 1 2 3 4 5 MoreNational Semiconductor (TI)
AS8218Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller RTC Programmable Multi-Purpose I/Os and LCD Driver 1 2 ams AG
FMS6413Single Channel Video Driver with Integrated Filter and Clamp 1 2 3 4 5 MoreFairchild Semiconductor
SA9602MSINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS 1 2 3 4 5 MoreSames
ICM72188 Digit LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
AS8118Single Phase Instantaneous Energy Metering IC with On-Chip Calibration Stepper Motor Drive and LED Output 1 ams AG
ICL711631/2 Digit LCD/LED Display A/D Converter with Display Hold 1 2 3 4 5 MoreIntersil Corporation
FAN5330High Efficiency Serial LED Driver with 30V Integrated Switch 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl