Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14555 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC14555
Descripción Electrónicos  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14555 Datasheet(HTML) 2 Page - Motorola, Inc

  MC14555 Datasheet HTML 1Page - Motorola, Inc MC14555 Datasheet HTML 2Page - Motorola, Inc MC14555 Datasheet HTML 3Page - Motorola, Inc MC14555 Datasheet HTML 4Page - Motorola, Inc MC14555 Datasheet HTML 5Page - Motorola, Inc MC14555 Datasheet HTML 6Page - Motorola, Inc MC14555 Datasheet HTML 7Page - Motorola, Inc MC14555 Datasheet HTML 8Page - Motorola, Inc MC14555 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
2
PIN ASSIGNMENTS
MC145554, MC145557
MC145564, MC145567
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
TSX
GSX
VFXI –
MCLKX
BCLKX
DX
VCC
VFRO
GNDA
MCLKR/ PDN
BCLKR/ CLKSEL
DR
FSR
VBB
VFXI +
FSX
VPI
VPO –
GNDA
VPO +
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
ANLB
VBB
TSX
MCLKX
BCLKX
DX
FSX
GSX
VFXI –
VFXI +
VCC
VFRO
MCLKR/PDN
BCLKR/CLKSEL
DR
FSR
FUNCTIONAL BLOCK DIAGRAM
* MC145564 and MC145567 only.
GSX
ANLB
*
VCC
GNDA VBB
FSX
FSR MCLKX BCLKX
MCLKR/
PDN
BCLKR/
CLKSEL
TSX
DX
DR
RECEIVE
SHIFT
REG
RECEIVE
LATCH
MUX
S/H
5–POLE SC
LOW–PASS
FILTER
RC ACTIVE
LOW–PASS
FILTER
VFRO
VPI
*
–1
VPO –
*
VPO +
*
VFXI+
VFXI–
8
4
8
SAR
REG
TRANSMIT
SHIFT
REG
4
CDAC
RDAC
BAND–GAP
VOLTAGE
REF
COMP
RC ACTIVE
LOW–PASS
FILTER
5–POLE SC
LOW–PASS
FILTER
3–POLE
HIGH–PASS
AND S/H
INTERNAL SEQUENCING
AND CONTROL
+
+


Número de pieza similar - MC14555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14555 MOTOROLA-MC14555 Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555 ONSEMI-MC14555 Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Descripción similar - MC14555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com