Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA7307D Datasheet(PDF) 1 Page - Samsung semiconductor

No. de pieza KA7307D
Descripción Electrónicos  GENERAL DESCRIPTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7307D Datasheet(HTML) 1 Page - Samsung semiconductor

  KA7307D Datasheet HTML 1Page - Samsung semiconductor KA7307D Datasheet HTML 2Page - Samsung semiconductor KA7307D Datasheet HTML 3Page - Samsung semiconductor KA7307D Datasheet HTML 4Page - Samsung semiconductor KA7307D Datasheet HTML 5Page - Samsung semiconductor KA7307D Datasheet HTML 6Page - Samsung semiconductor KA7307D Datasheet HTML 7Page - Samsung semiconductor KA7307D Datasheet HTML 8Page - Samsung semiconductor KA7307D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary
KA7307D
CDS/AGC
1
VID-97-D002
February 1997
GENERAL DESCRIPTION
The KA7307 is a bipolar monolithic integrated
circuit for CCD Color Video Camera, and then
if provides functions of Correlated Double
Sampling, Automatic Gain Control, Window
Function, and Iris Amplifier Gain Control.
FEATURES
. Correlated Double Sampling (CDS)
. Automatic Gain Control (AGC)
. Low-pass-filter and Sample-and-Hold
circuit after AGC for external A/D
converters
. Window Function
. Iris Amplifer Gain Control
. + 5V Single power supply
. Low power < 330mW
BLOCK DIAGRAM
Device
Package
Operating Temperature
KA7307D
20-SOP-300
- 20
°C ~ + 75 °C
CLP
COMP1
LPF
AGC S/H
BLK
GC1
CLP
SH2
SH3
SH1
XSHD
XSHP
AGC
WND
BLK
PBLK
CLP1
AGCCAP
IRISCAP
IRIS
CONT
XRS
-
+
COMP2
-
+
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ORERING INFORMATION
20 - SOP - 300


Número de pieza similar - KA7307D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA7302D SAMSUNG-KA7302D Datasheet
140Kb / 9P
   GENERAL DISCRIPTION
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
More results

Descripción similar - KA7307D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
   General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
   GENERAL DESCRIPTION
logo
First Silicon Co., Ltd
FTK0903D FS-FTK0903D Datasheet
1,018Kb / 5P
   General Description
logo
Taiwan Memory Technolog...
I709X TMT-I709X Datasheet
77Kb / 1P
   General Description
logo
Samsung semiconductor
KS7308 SAMSUNG-KS7308 Datasheet
96Kb / 13P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGR15N40L FAIRCHILD-SGR15N40L Datasheet
169Kb / 7P
   General Description
logo
List of Unclassifed Man...
05H12 ETC-05H12 Datasheet
8Kb / 1P
   General Description
logo
National Semiconductor ...
COP688CL NSC-COP688CL Datasheet
445Kb / 40P
   General Description
logo
New Jersey Semi-Conduct...
B2-8Z NJSEMI-B2-8Z Datasheet
86Kb / 2P
   GENERAL DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com