Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416C1000B Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KM416C1000B
Descripción Electrónicos  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1000B Datasheet(HTML) 4 Page - Samsung semiconductor

  KM416C1000B Datasheet HTML 1Page - Samsung semiconductor KM416C1000B Datasheet HTML 2Page - Samsung semiconductor KM416C1000B Datasheet HTML 3Page - Samsung semiconductor KM416C1000B Datasheet HTML 4Page - Samsung semiconductor KM416C1000B Datasheet HTML 5Page - Samsung semiconductor KM416C1000B Datasheet HTML 6Page - Samsung semiconductor KM416C1000B Datasheet HTML 7Page - Samsung semiconductor KM416C1000B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KM416C1000B, KM416C1200B
CMOS DRAM
KM416V1000B, KM416V1200B
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one fast page mode cycle time,
tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS cycling @
tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS cycling @
tRC=min.)
ICC4* : Fast Page Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @
tPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS, UCAS or LCAS cycling @
tRC=min.)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=0.2V,
Din=Don't care, TRC=31.25us(4K/L-ver), 125us(1K/L-ver),
TRAS=TRASmin~300ns
ICCS : Self Refresh Current
RAS=UCAS=LCAS=VIL, W=OE=A0 ~ A11=VCC-0.2V or 0.2V,
DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
KM416V1000B
KM416V1200B
KM416C1000B
KM416C1200B
ICC1
Don't care
-5
-6
-7
110
100
90
160
150
140
110
100
90
160
150
140
mA
mA
mA
ICC2
Normal
L
Don't care
2
1
2
1
2
1
2
1
mA
mA
ICC3
Don't care
-5
-6
-7
110
100
90
160
150
140
110
100
90
160
150
140
mA
mA
mA
ICC4
Don't care
-5
-6
-7
100
90
80
100
90
80
100
90
80
100
90
80
mA
mA
mA
ICC5
Normal
L
Don't care
1
200
1
200
1
200
1
200
mA
uA
ICC6
Don't care
-5
-6
-7
110
100
90
160
150
140
110
100
90
160
150
140
mA
mA
mA
ICC7
L
Don't care
400
300
450
350
uA
ICCS
L
Don't care
200
200
250
250
uA


Número de pieza similar - KM416C1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

Descripción similar - KM416C1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com