Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416V4004C Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KM416V4004C
Descripción Electrónicos  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V4004C Datasheet(HTML) 4 Page - Samsung semiconductor

  KM416V4004C Datasheet HTML 1Page - Samsung semiconductor KM416V4004C Datasheet HTML 2Page - Samsung semiconductor KM416V4004C Datasheet HTML 3Page - Samsung semiconductor KM416V4004C Datasheet HTML 4Page - Samsung semiconductor KM416V4004C Datasheet HTML 5Page - Samsung semiconductor KM416V4004C Datasheet HTML 6Page - Samsung semiconductor KM416V4004C Datasheet HTML 7Page - Samsung semiconductor KM416V4004C Datasheet HTML 8Page - Samsung semiconductor KM416V4004C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
KM416V4004C,KM416V4104C
CMOS DRAM
*Note :
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle time,
tHPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @
tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @
tRC=min.)
ICC4* : Extended Data Out Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @
tHPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @
tRC=min)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=CAS-before-RAS cycling or 0.2V
W, OE=VIH, Address=Don
′t care, DQ=Open, TRC=31.25us
ICCS : Self Refresh Current
RAS=UCAS=LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
KM416V4004C
KM416V4104C
ICC1
Don
′t care
-45
-5
-6
90
80
70
130
120
110
mA
mA
mA
ICC2
Normal
L
Don
′t care
1
1
1
1
mA
mA
ICC3
Don
′t care
-45
-5
-6
90
80
70
130
120
110
mA
mA
mA
ICC4
Don
′t care
-45
-5
-6
100
90
80
100
90
80
mA
mA
mA
ICC5
Normal
L
Don
′t care
500
200
500
200
uA
uA
ICC6
Don
′t care
-45
-5
-6
130
120
110
130
120
110
mA
mA
mA
ICC7
L
Don
′t care
350
350
uA
ICCS
L
Don
′t care
350
350
uA


Número de pieza similar - KM416V4004C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results

Descripción similar - KM416V4004C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com