Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM44V4100C Datasheet(PDF) 6 Page - Samsung semiconductor

No. de pieza KM44V4100C
Descripción Electrónicos  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44V4100C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM44V4100C Datasheet HTML 2Page - Samsung semiconductor KM44V4100C Datasheet HTML 3Page - Samsung semiconductor KM44V4100C Datasheet HTML 4Page - Samsung semiconductor KM44V4100C Datasheet HTML 5Page - Samsung semiconductor KM44V4100C Datasheet HTML 6Page - Samsung semiconductor KM44V4100C Datasheet HTML 7Page - Samsung semiconductor KM44V4100C Datasheet HTML 8Page - Samsung semiconductor KM44V4100C Datasheet HTML 9Page - Samsung semiconductor KM44V4100C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
KM44C4000C, KM44C4100C
CMOS DRAM
KM44V4000C, KM44V4100C
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-5
-6
Units
Note
Min
Max
Min
Max
Data set-up time
tDS
0
0
ns
9
Data hold time
tDH
10
10
ns
9
Refresh period (2K, Normal)
tREF
32
32
ms
Refresh period (4K, Normal)
tREF
64
64
ms
Refresh period (L-ver)
tREF
128
128
ms
Write command set-up time
tWCS
0
0
ns
7
CAS to W delay time
tCWD
36
40
ns
7
RAS to W delay time
tRWD
73
85
ns
7
Column address to W delay time
tAWD
48
55
ns
7
CAS precharge to W delay time
tCPWD
53
60
ns
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
ns
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
30
35
ns
3
Fast Page cycle time
tPC
35
40
ns
Fast Page read-modify-write cycle time
tPRWC
76
85
ns
CAS precharge time (Fast Page cycle)
tCP
10
10
ns
RAS pulse width (Fast Page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
OE access time
tOEA
13
15
ns
OE to data delay
tOED
13
15
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
15
ns
6
OE command hold time
tOEH
13
15
ns
Write command set-up time (Test mode in)
tWTS
10
10
ns
11
Write command hold time (Test mode in)
tWTH
10
10
ns
11
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
us
13,14,15
RAS precharge time (C-B-R self refresh)
tRPS
90
110
ns
13,14,15
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
ns
13,14,15


Número de pieza similar - KM44V4100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM44V1000D SAMSUNG-KM44V1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Descripción similar - KM44V4100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com