Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM48V2100B Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KM48V2100B
Descripción Electrónicos  2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM48V2100B Datasheet(HTML) 4 Page - Samsung semiconductor

  KM48V2100B Datasheet HTML 1Page - Samsung semiconductor KM48V2100B Datasheet HTML 2Page - Samsung semiconductor KM48V2100B Datasheet HTML 3Page - Samsung semiconductor KM48V2100B Datasheet HTML 4Page - Samsung semiconductor KM48V2100B Datasheet HTML 5Page - Samsung semiconductor KM48V2100B Datasheet HTML 6Page - Samsung semiconductor KM48V2100B Datasheet HTML 7Page - Samsung semiconductor KM48V2100B Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KM48C2000B, KM48C2100B
CMOS DRAM
KM48V2000B, KM48V2100B
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6 address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one fast page mode cycle time,
tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and CAS cycling @
tRC=min.)
ICC2 : Standby Current (RAS=CAS=W=VIH)
ICC3* : RAS-only Refresh Current (CAS=VIH, RAS cycling @
tRC=min.)
ICC4* : Fast Page Mode Current (RAS=VIL, CAS, Address cycling @
tPC=min.)
ICC5 : Standby Current (RAS=CAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and CAS cycling @
tRC=min.)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, CAS=0.2V,
Din=Don't care, TRC=31.25us(4K/L-ver), 62.5us(2K/L-ver),
TRAS=TRASmin~300ns
ICCS : Self Refresh Current
RAS=CAS=VIL, W=OE=A0 ~ A11=VCC-0.2V or 0.2V,
DQ0 ~ DQ7=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
KM48V2000B
KM48V2100B
KM48C2000B
KM48C2100B
ICC1
Don't care
-5
-6
-7
90
80
70
110
100
90
90
80
70
110
100
90
mA
mA
mA
ICC2
Normal
L
Don't care
1
1
1
1
2
1
2
1
mA
mA
ICC3
Don't care
-5
-6
-7
90
80
70
110
100
90
90
80
70
110
100
90
mA
mA
mA
ICC4
Don't care
-5
-6
-7
80
70
60
90
80
70
80
70
60
90
80
70
mA
mA
mA
ICC5
Normal
L
Don't care
0.5
0.3
0.5
0.3
1
0.3
1
0.3
mA
uA
ICC6
Don't care
-5
-6
-7
90
80
70
110
100
90
90
80
70
110
100
90
mA
mA
mA
ICC7
L
Don't care
450
400
450
400
uA
ICCS
L
Don't care
250
250
300
300
uA


Número de pieza similar - KM48V2100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8104B SAMSUNG-KM48V8104B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8104C SAMSUNG-KM48V8104C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
More results

Descripción similar - KM48V2100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4F170811D SAMSUNG-K4F170811D Datasheet
226Kb / 20P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
K4F660812D SAMSUNG-K4F660812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
logo
Integrated Silicon Solu...
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com