Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM681002BI-10 Datasheet(PDF) 8 Page - Samsung semiconductor

No. de pieza KM681002BI-10
Descripción Electrónicos  128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002BI-10 Datasheet(HTML) 8 Page - Samsung semiconductor

  KM681002BI-10 Datasheet HTML 1Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 2Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 3Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 4Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 5Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 6Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 7Page - Samsung semiconductor KM681002BI-10 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
KM681002B, KM681002BI
CMOS SRAM
PRELIMINARY
Rev 2.0
- 8 -
February 1998
PRELIMINARY
PRELIMINARY
Preliminary
#1
32-SOJ-400
#32
20.95 ±0.12
0.825 ±0.005
+0.10
MAX
21.36
0.841
0.20
-0.05
+0.004
0.008
-0.002
9.40 ±0.25
0.370 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
-0.002
+0.10
0.71
-0.05
+0.004
0.028
-0.002
1.27
0.050
#16
#17
0.004
0.10
MAX
11.18 ±0.12
0.440 ±0.005
PACKAGE DIMENSIONS
Units:millimeters/Inches
32-TSOP2-400F
#32
20.95 ±0.10
0.825 ±0.004
MAX
21.35
0.841
MAX
1.00 ±0.10
0.039 ±0.004
1.20
0.047
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.95
(
)
0.037
+0.10
0.15
-0.05
+0.004
0.006
-0.002
11.76 ±0.20
0.463 ±0.008
#17
#16
0.50
(
)
0.020
0.45 ~0.75
0.018 ~ 0.030
0.25
(
)
0.010
1.27
0.050
0.40 ±0.10
0.016 ±0.004
0~8
°


Número de pieza similar - KM681002BI-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-12 SAMSUNG-KM681002A-12 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-15 SAMSUNG-KM681002A-15 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-20 SAMSUNG-KM681002A-20 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002AI SAMSUNG-KM681002AI Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

Descripción similar - KM681002BI-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com