Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM681002CJ-12 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de pieza KM681002CJ-12
Descripción Electrónicos  128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002CJ-12 Datasheet(HTML) 2 Page - Samsung semiconductor

  KM681002CJ-12 Datasheet HTML 1Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 2Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 3Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 4Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 5Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 6Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 7Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 8Page - Samsung semiconductor KM681002CJ-12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KM681002C/CL, KM681002CI/CLI
CMOS SRAM
PRELIMINARY
Revision 2.0
- 2 -
March 2000
PRELIMINARY
128K x 8 Bit High-Speed CMOS Static RAM(5.0V Operating)
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15,20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 30mA(Max.)
(CMOS) : 5mA(Max.)
0.5mA(Max.) L-ver. only
Operating KM681002C/CL-10 : 80mA(Max.)
KM681002C/CL-12 : 75mA(Max.)
KM681002C/CL-15 : 73mA(Max.)
KM681002C/CL-20 : 70mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Minimum Data Retention; L-ver. only
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
KM681002C/CLJ : 32-SOJ-400
KM681002C/CLT : 32-TSOP2-400CF
KM681002C/CL-10/12/15/20
Commercial Temp.
KM681002CI/CLI-10/12/15/20
Industrial Temp.
ORDERING INFORMATION
Clk Gen.
I/O1~I/O8
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
256x8 Columns
I/O Circuit
PIN FUNCTION
Pin Name
Pin Function
A0 - A16
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O8
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
The KM681002C is a 1,048,576-bit high-speed Static Random
Access Memory organized as 131,072 words by 8 bits. The
KM681002C uses 8 common input and output lines and has an
output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The KM681002C is packaged
in a 400mil 32-pin plastic SOJ or TSOP2 forward.
PIN CONFIGURATION(Top View)
SOJ/
TSOP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O8
I/O7
Vss
Vcc
I/O6
I/O5
A12
A11
A10
A9
A8
A0
A1
A2
A3
CS
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE
A4
A5
A6
A7
A10 A11 A12 A13 A14 A15
A0
A1
A2
A3
A4
A5
A6
A7
A9
A16
A8


Número de pieza similar - KM681002CJ-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-12 SAMSUNG-KM681002A-12 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-15 SAMSUNG-KM681002A-15 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-20 SAMSUNG-KM681002A-20 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002AI SAMSUNG-KM681002AI Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

Descripción similar - KM681002CJ-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com