Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-44914-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-44914-001
Descripción Electrónicos  3.00mm (.118") Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant Pin Interface, 16 Circuits, LCP, Glass-Filled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44914-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-44914-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44914-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44914-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Replacement RoHS Compliant Part Number
0449146603
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0314
Product Specification
PS-43045, RPS-43045-003, RPS-43045-004
Sales Drawing
SD-44914-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-44914-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-44914-001 MOLEX6-SD-44914-001 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
SD-44914-001 MOLEX6-SD-44914-001 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
SD-44914-001 MOLEX6-SD-44914-001 Datasheet
185Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI Header, Compliant Pin Interface, Dual Row, Vertical, 18 Circuits
SD-44914-001 MOLEX6-SD-44914-001 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant Pin Interface, 10 Circuits, LCP, Glass-Filled
SD-44914-001 MOLEX6-SD-44914-001 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant PinInterface, 18 Circuits, LCP
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com