Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-47151-001 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

No. de pieza SD-47151-001
Descripción Electrónicos  0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Gold (Au) Flash Plated Contact
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47151-001 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button SD-47151-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-47151-001 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image


Número de pieza similar - SD-47151-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
718Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, 0.76um (30u") Gold (Au) Plating, Front Solder Tab Length
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.45mm (.057")
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
722Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
SD-47151-001 MOLEX6-SD-47151-001 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com