Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54560-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 54560-1001
Descripción Electrónicos  2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 10Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54560-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54560-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 54560-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 54560-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 54560-1001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545601001
Status:
Active
Overview:
qf50
Description:
2.54mm (0.100") Pitch QF-50™ Flat Ribbon Cable Receptacle Upper Housing, 10
Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54559-005 (PDF)
General
Product Family
Accessories
Series
54560
Application Tooling Part Link
572525000
Application Tooling Part Link
572527000
Component Type
Housing
Overview
qf50
Product Name
QF-50™
Physical
Circuits (Loaded)
10
Color - Resin
Black
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Tray
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Product Specification
PS-54559-005, RPS-54559-010, RPS-54559-012,
RPS-54559-014, RPS-54559-015, RPS-54559-016,
RPS-54559-017
Sales Drawing
SD-54560-002, SD-54561-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54560Series
Use With
54561 Strain Relief, 54559 Receptacle
Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
IDT Hand Tool
Assembly For MIL
Connector
0572525000
IDT Machine For MIL
IDT Connector
0572527000
This document was generated on 06/01/2010


Número de pieza similar - 54560-1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
54560-1401 MOLEX7-54560-1401 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 14Circuits
54560-1601 MOLEX7-54560-1601 Datasheet
156Kb / 4P
   2.54mm (0.100") Pitch QF-50??Flat Ribbon Cable Receptacle Upper Housing, 16 Circuits
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com