Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54363-0389 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 54363-0389
Descripción Electrónicos  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 30 Circuits, Leadfree
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54363-0389 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  54363-0389 Datasheet HTML 1Page - Molex Electronics Ltd. 54363-0389 Datasheet HTML 2Page - Molex Electronics Ltd. 54363-0389 Datasheet HTML 3Page - Molex Electronics Ltd. 54363-0389 Datasheet HTML 4Page - Molex Electronics Ltd. 54363-0389 Datasheet HTML 5Page - Molex Electronics Ltd. 54363-0389 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Material Info
Reference - Drawing Numbers
Product Specification
PS-54363-046
Sales Drawing
SD-54363-049, SD-54363-050
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 54363-0389

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
54363-0371 MOLEX5-54363-0371 Datasheet
376Kb / 4P
   0.5mm PITCH B/B CONN.
54363-0378 MOLEX5-54363-0378 Datasheet
376Kb / 4P
   0.5mm PITCH B/B CONN.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com