Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54550-2271 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

No. de pieza 54550-2271
Descripción Electrónicos  0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 22 Circuits, Gold (Au) Contact Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54550-2271 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  54550-2271 Datasheet HTML 1Page - Molex Electronics Ltd. 54550-2271 Datasheet HTML 2Page - Molex Electronics Ltd. 54550-2271 Datasheet HTML 3Page - Molex Electronics Ltd. 54550-2271 Datasheet HTML 4Page - Molex Electronics Ltd. 54550-2271 Datasheet HTML 5Page - Molex Electronics Ltd. 54550-2271 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Número de pieza similar - 54550-2271

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
54550-2071 MOLEX7-54550-2071 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 20 Circuits, Gold (Au) Contact Plating
54550-2094 MOLEX-54550-2094 Datasheet
42Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
54550-2171 MOLEX7-54550-2171 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 21 Circuits, Gold (Au) Contact Plating
54550-2471 MOLEX7-54550-2471 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 24 Circuits, Lead-free, Gold Contact Plating
54550-2671 MOLEX7-54550-2671 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 26 Circuits, Lead-free, Gold Contact Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com