Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54684-1204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 54684-1204
Descripción Electrónicos  0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 120 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX7 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54684-1204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54684-1204 Datasheet HTML 1Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 2Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 3Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 4Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 5Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 6Page - Molex Electronics Ltd. 54684-1204 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0546841204
Status:
Active
Description:
0.40mm (.016") Pitch Board-to-Board SlimStack™ Receptacle, Surface Mount, Dual
Row, Vertical Stacking, 3.50mm (.138") Stacking Height, 120 Circuits
Documents:
3D Model
Product Specification PS-54684-008 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54684-006 (PDF)
General
Product Family
PCB Receptacles
Series
54684
Application
Board-to-Board
Product Name
SlimStack™
Physical
Circuits (Loaded)
120
Color - Resin
Brown
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Mated Height (in)
0.138 In
Mated Height (mm)
3.50 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54684-006, PS-54684-008, RPS-54684-013,
RPS-54684-015, RPS-54684-016, RPS-54684-017,
RPS-54684-021
Sales Drawing
SD-54684-011, SD-54684-012
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54684Series
Mates With
55526 PCB Header


Número de pieza similar - 54684-1204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
54684-1004 MOLEX7-54684-1004 Datasheet
560Kb / 7P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 4.00mm (.157") Stacking Height, 100 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com