Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74057-9001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 74057-9001
Descripción Electrónicos  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row,Open Signal Module, 60 Circuits, 10 Columns, Pin Length 4.75mm (.187"), 0.76關m
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74057-9001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74057-9001 Datasheet HTML 1Page - Molex Electronics Ltd. 74057-9001 Datasheet HTML 2Page - Molex Electronics Ltd. 74057-9001 Datasheet HTML 3Page - Molex Electronics Ltd. 74057-9001 Datasheet HTML 4Page - Molex Electronics Ltd. 74057-9001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Temperature Range - Operating
105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.125 Gbps
Real Signals (per 25mm)
75
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74057-003
Sales Drawing
SD-74057-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM® 6 Row Pin
and Shield Repair
Tool
0622015800
VHDM® 6 Row
Shield Extraction
Tool
0622016000
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 10 Wide,
20.00mm (.787")
0622020203
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 25 Wide,
50.00mm (1.97")
0622020204
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 10 Wide,
20.00mm (.787")
0622020207
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 74057-9001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74057-1001 MOLEX8-74057-1001 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
74057-1002 MOLEX8-74057-1002 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76關m
74057-1003 MOLEX8-74057-1003 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 4.75mm (.167"), 0.76關m
74057-1004 MOLEX8-74057-1004 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 5.15mm (.203"), 0.76關m
74057-1007 MOLEX8-74057-1007 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com