Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74337-0050 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 74337-0050
Descripción Electrónicos  1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 68 Circuits, 3.18mm (.125") PCTail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74337-0050 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74337-0050 Datasheet HTML 1Page - Molex Electronics Ltd. 74337-0050 Datasheet HTML 2Page - Molex Electronics Ltd. 74337-0050 Datasheet HTML 3Page - Molex Electronics Ltd. 74337-0050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Screw Hole
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74337-001
Product Specification
PS-71425-9999
Sales Drawing
SD-74337-014
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 74337-0050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74337-0051 MOLEX-74337-0051 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
74337-0051 MOLEX8-74337-0051 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
74337-0052 MOLEX8-74337-0052 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra VHDCI Receptacle, Stacked, Right Angle, Enhanced Shield
74337-0053 MOLEX8-74337-0053 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Enhanced Shield, Stacked, RightAngle, Four Press-Fit Boardlocks, 136 Circuits, PC Tail Length 2.30mm (.091")
74337-0054 MOLEX-74337-0054 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com