Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74320-9044 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 74320-9044
Descripción Electrónicos  MicroCross DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, Polyester (PBT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-9044 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  74320-9044 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Número de pieza similar - 74320-9044

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74320-9043 MOLEX8-74320-9043 Datasheet
207Kb / 4P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
74320-9046 MOLEX8-74320-9046 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Interface
More results

Descripción similar - 74320-9044

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0673519004 MOLEX7-0673519004 Datasheet
214Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
0673519006 MOLEX7-0673519006 Datasheet
216Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
0673517000 MOLEX7-0673517000 Datasheet
119Kb / 3P
   MicroCross??DVI-D Digital Visual Interface for Adapter, Panel Mount, Through HoleVertical, Gold (Au) Flash, Polyester (PBT), 2.79mm (.110
0743209054 MOLEX8-0743209054 Datasheet
297Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, Gold(Au) Flash, Polyester (PBT), with Hex Jack Screw, 2.34mm(.092") P.C. Tail Length, 24
0673514804 MOLEX7-0673514804 Datasheet
188Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PBT),Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") PC Tail Length, Screw
0673515006 MOLEX7-0673515006 Datasheet
196Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, Panel Mount, Through Hole, Vertical, Gold(Au) Flash, Polyester (PBT), 2.79mm (.110") PC TailLength, 24 Circuits, Lead Free
0743204804 MOLEX8-0743204804 Datasheet
228Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092) PC Tail Length
0673511004 MOLEX7-0673511004 Datasheet
244Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, Right Angle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), Lead Free Screw Hole, 4-40 Thread, 29 Circuits
0673511014 MOLEX7-0673511014 Datasheet
223Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length29 Circuits, Lead Free
0673515004 MOLEX7-0673515004 Datasheet
196Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, Panel Mount, Through Hole, Vertical, GoldAu) Flash, Polyester (PBT), 2.34mm (.092") PC TailLength, 24 Circuits, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com