Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2848 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza 2SK2848
Descripción Electrónicos  MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK2848 Datasheet(HTML) 1 Page - Sanken electric

  2SK2848 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SK2848
41
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
600
V
VGSS
±30
V
ID
±2A
ID (pulse)
±8
(Ta = 25ºC)
(Ta = 25ºC)
A
PD
30 (Tc = 25ºC)
W
EAS
10
mJ
Tch
150
ºC
IAS
2A
Tstg
–55 to +150
ºC
V(BR) DSS
600
V
ID = 100
µA, VGS = 0V
IGSS
±100
nA
VGS =
±30V
IDSS
100
µA
VDS = 600V, VGS = 0V
VTH
2.0
4.0
V
VDS = 10V, ID = 250
µA
Re (yfs)
1.2
1.7
3.0
SVDS = 20V, ID = 1A
RDS (on)
3.0
3.8
1.4
VGS = 10V, ID = 1A
ISD = 2.0A, VGS = 0V
Ciss
290
pF
VDS = 10V, f = 1.0MHz,
VGS = 0V
Coss
70
pF
Crss
30
pF
t d (on)
16
ns
t r
t d (off)
t f
VSD
30
ns
45
ns
145
ns
0.9
V
Symbol
Unit
Conditions
Ratings
typ
max
min
*2
*1
010
20
2.0
0.5
0
1.5
1.0
515
4.5V
5.5V
5V
VGS = 10V
0
0
2.0
1.5
2
3
1
4
–50
0
050
100
150
2
4
6
8
4
5
10
20
0
0.5
2.0
1.5
1.0
VDS = 20V
25ºC
125ºC
02
4
6
8
0
5
10
20
TC = –55ºC
10V
0.5
1.0
0.05
0.2
0.1
0.5
1
0.5
1
5
2
15
VGS = 4V
25ºC
125ºC
VDS = 20V
TC = –55ºC
ID = 2A
ID = 1A
ID = 1A
VGS = 10V
0
1020
3040
50
10
50
100
500
1000
Ciss
Coss
Crss
VGS = 0V
f = 1MHz
0
0
0.5
1.0
1.5
2.0
1.5
1.0
0.5
5V,10V
VGS = 0V
3
5
10
50 100
700
500
0.03
0.05
0.1
0.5
1
5
10
ID (pulse) max
ID max
100
µ
s (1shot)
D
C
O
PE
R
AT
IO
N
R
DS
(ON)
LIMITED
1ms
(1shot)
0
10
20
30
0
50
100
150
Without heatsink
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 30V, L = 5mH, IL = 2.0A, unclamped, RG = 50
Ω,
See Figure 1 on Page 5.
ID = 1A, VDD
250V,
RL = 250
Ω, VGS = 10V,
See Figure 2 on Page 5.
(Tc = 25ºC)
Ta (ºC)
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)
ID – VDS Characteristics (typical)
Re (yfs) – ID Characteristics (typical)
Capacitance – VDS Characteristics (typical)
IDR – VSD Characteristics (typical)
PD – Ta Characteristics
Safe Operating Area
VDS – VGS Characteristics (typical)
RDS(ON) – TC Characteristics (typical)
ID – VGS Characteristics (typical)
RDS(ON) – ID Characteristics (typical)


Número de pieza similar - 2SK2848

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
2SK2848 SANKEN-2SK2848 Datasheet
52Kb / 2P
   MOSFET
logo
Inchange Semiconductor ...
2SK2848 ISC-2SK2848 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanken electric
2SK2848 SANKEN-2SK2848_05 Datasheet
48Kb / 2P
   MOSFET
More results

Descripción similar - 2SK2848

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com