Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FML-23S Datasheet(PDF) 1 Page - Sanken electric

No. de pieza FML-23S
Descripción Electrónicos  Ultra-Fast-Recovery Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FML-23S Datasheet(HTML) 1 Page - Sanken electric

  FML-23S Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FML-22S
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
Rth ( j-c)
IR
(mA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FML-22S
70
5.0
40
50
100/100
100/200
–40 to +150
35
30
4.0
2.1
FML-23S
FML-24S
A
200
65
1.30
0.98
0.1
0.25
300
10.0
400
1.0
0.5
0.2
FML-23S
FML-24S
10
50
60
40
30
20
70
0
1
5
50
10
20ms
10
50
60
40
30
20
70
0
1
5
50
10
20ms
10
50
60
40
30
20
65
0
1
5
50
10
20ms
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
20
10
1
0.1
0.01
0.001
30
10
1
0.1
0.01
0.001
70
0
90
110
150
2
4
6
10
8
130
Ultra-Fast-Recovery Rectifier Diodes
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
60
0
80
100
120
160
2
4
6
8
10
140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
70
0
90
110
150
2
4
6
8
10
130
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
0.3
0.5
0.7
0.9
0.1
1.1
1.3
1.5
Ta 150ºC
=
60ºC
100ºC
25ºC
30
10
1
0.1
0.01
0.001
0.3
0.5
0.7
0.9
0.1
1.1
1.3
1.5
Ta 150ºC
=
60ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
IF (AV) (A)
60
Fig.
50Hz
Half-cycle Sinewave
Single Shot
With
Heatsink
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
VR=VRM, Ta=100
°C
VR =VRM
max per element
max per element
max per
element
trr
Œ
(ns)
trr

(ns)
+0.2
–0.1


Número de pieza similar - FML-23S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FML-23S SANKEN-FML-23S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML-23S SANKEN-FML-23S Datasheet
67Kb / 2P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Inchange Semiconductor ...
FML-23S ISC-FML-23S Datasheet
234Kb / 2P
   Ultrafast Rectifier
More results

Descripción similar - FML-23S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com