Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3050F Datasheet(PDF) 6 Page - Sanken electric

No. de pieza SI-3050F
Descripción Electrónicos  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3050F Datasheet(HTML) 6 Page - Sanken electric

  SI-3050F Datasheet HTML 1Page - Sanken electric SI-3050F Datasheet HTML 2Page - Sanken electric SI-3050F Datasheet HTML 3Page - Sanken electric SI-3050F Datasheet HTML 4Page - Sanken electric SI-3050F Datasheet HTML 5Page - Sanken electric SI-3050F Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
38
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3050F)
Output ON/OFF Control(SI-3050F)
Rise Characteristics(SI-3050F)
Rise Characteristics(SI-3120F)
Overcurrent Protection Characteristics(SI-3050F)
Overcurrent Protection Characteristics(SI-3120F)
Overcurrent Protection Characteristics(SI-3140F)
Thermal Protection Characteristics(SI-3050F)
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.6
Output Current IO (A)
0.8
1.0
5.06
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
–40 –20
0
20
40
60
80 100 120 140
VIN=8V
IO =0A
VO =5V
6
5
4
3
2
1
0
0
1.0
2.0
Output ON/OFF Control Voltage Vc (V)
3.0
4.0
VIN=8V
IO =10mA
0.25A
0.5A
6
5
4
3
2
1
0
01
2
3
4
Input Voltage VIN (V)
56
0.75A
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
0
2
4
6
8
10
12
14
16
IO=0A
=0.5A
=1.0A
Output Current IO (A)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
8V
10V
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
18V
Output Current IO (A)
(Ta=25
°C)
qSI-3000F Series
Note on Thermal Protection:
The thermal protection circuit is intended for
protection against heat during instantaneous
short-circuiting. Its operation is not guaran-
teed for short-circuiting over extended peri-
ods of time.
6
5
4
3
2
1
0
Case Temperature Tc (
°C)
0
20
60
100
140
180
VIN=8V
IO=10mA
30
25
20
15
10
5
0
0
0.5
1
1.5
2
Output Current IO (A)
2.5
3
VIN=27V
25
30
40V
35V


Número de pieza similar - SI-3050F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Descripción similar - SI-3050F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com