Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3000P Datasheet(PDF) 4 Page - Sanken electric

No. de pieza SI-3000P
Descripción Electrónicos  3-Terminal, Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000P Datasheet(HTML) 4 Page - Sanken electric

  SI-3000P Datasheet HTML 1Page - Sanken electric SI-3000P Datasheet HTML 2Page - Sanken electric SI-3000P Datasheet HTML 3Page - Sanken electric SI-3000P Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
61
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3052P)
Circuit Current(SI-3052P)
Rise Characteristics(SI-3052P)
Rise Characteristics(SI-3122P)
Rise Characteristics(SI-3242P)
Overcurrent Protection Characteristics(SI-3052P)
Overcurrent Protection Characteristics(SI-3122P)
Overcurrent Protection Characteristics(SI-3242P)
–40
–20
0
20
40
60
80
100
5.07
5.06
5.05
5.04
5.03
5.02
5.01
5.00
Ambient Temperature Ta (
°C)
VIN=10V
lO=0.5A
02
4
6
8
10
12
14
16
20
15
10
5
0
Input Voltage VIN (V)
VO=5V
01
2
3
4
7
6
5
4
3
2
1
0
Output Current lO (A)
V
IN
=8.5V
11.5V
10V
0
123
4
5
6
7
8
14
12
10
8
6
4
2
0
Output Current lO (A)
V
IN=15V
19V
012
3
4
56
7
8
30
25
20
15
10
5
0
Output Current lO (A)
25V
V
IN=27V
35V
33V
qSI-3000P Series
(Ta=25
°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
4.0
3.5
3.0
2.5
2.0
1.5
Output Current lO (A)
0
1
2345
6
7
8
9
10 11
7
6
5
4
3
2
1
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
2A
0
5
10
15
20
14
12
10
8
6
4
2
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
1.5A
2A
0
5
10
15
20
25
30
35
40
30
25
20
15
10
5
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
1.5A
2A


Número de pieza similar - SI-3000P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000C ETC-SI-3000C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Descripción similar - SI-3000P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com