Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-7230M Datasheet(PDF) 5 Page - Sanken electric

No. de pieza SI-7230M
Descripción Electrónicos  Bipolar Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7230M Datasheet(HTML) 5 Page - Sanken electric

  SI-7230M Datasheet HTML 1Page - Sanken electric SI-7230M Datasheet HTML 2Page - Sanken electric SI-7230M Datasheet HTML 3Page - Sanken electric SI-7230M Datasheet HTML 4Page - Sanken electric SI-7230M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
54
SI-7200M, SI-7230M, SI-7115B, SI-7300A,
SI-7330A, SI-7500A and SI-7502
Handling Precautions
(Note: The SI-7502 is applicable for item (2) only.)
For details, refer to the relevant product specifications.
(1) Tightening torque:
The torque to be applied in tightening screws when mounting the IC on a
heatsink should be below 49N•m.
(2) Solvent:
Do not use the following solvents:
Substances that
Chlorine-based solvents
: Trichloroethylene,
dissolve the package
Trichloroethane, etc.
Aromatic hydrogen compounds : Benzene, Toluene,
Xylene, etc.
Ketone and Acetone group solvents
Substances that
Gasoline, Benzine and Kerosene
weaken the package
(3) Silicone grease:
The silicone grease to be used between the aluminum base plate of the hybrid
IC and the heatsink should be any of the following:
• G-746
SHINETSU CHEMICAL INDUSTRIES CO., LTD.
• YG6260
TOSHIBA SILICONE CO., LTD.
• SC102
DOW CORNING TORAY SILICONE CO., LTD.
Please pay sufficient attention in selecting silicone grease since oil in some
grease may penetrate the product, which will result in an extremely short
product life.
Others
• Resistance against radiation
Resistance against radiation was not considered in the development of these ICs
because it is assumed that they will be used in ordinary environment.


Número de pieza similar - SI-7230M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-7230E SANKEN-SI-7230E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
More results

Descripción similar - SI-7230M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-7200M SANKEN-SI-7200M Datasheet
52Kb / 5P
   Bipolar Driver IC
logo
Allegro MicroSystems
A4984S ALLEGRO-A4984S Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
List of Unclassifed Man...
TBB042G ETC-TBB042G Datasheet
122Kb / 4P
   Bipolar IC
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
   BIPOLAR IC
logo
Siemens Semiconductor G...
TLE3101 SIEMENS-TLE3101 Datasheet
534Kb / 17P
   BIPOLAR IC
logo
ON Semiconductor
LV8127T ONSEMI-LV8127T Datasheet
505Kb / 23P
   3-phase Bipolar PWM Drive Pre-Driver IC
December 2014 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com