Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA5042 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza SLA5042
Descripción Electrónicos  N-channel General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5042 Datasheet(HTML) 1 Page - Sanken electric

  SLA5042 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
Characteristic curves
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
SLA5042
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
100
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±20V
IDSS
100
µAVDS=100V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
46
S
VDS=10V, ID=2.5A
130
185
m
VGS=10V, ID=2.5A
155
230
m
VGS=4V, ID=2.5A
Ciss
740
pF
VDS=10V, f=1.0MHz,
Coss
240
pF
VGS=0V
td(on)
20
ns
ID=2.5A,
tr
30
ns
VDD 50V,
td(off)
60
ns
RL=20
Ω, VGS=5V,
tf
20
ns
see Fig. 3 on page 16.
VSD
1.0
1.4
V
ISD=5A, VGS=0V
trr
180
ns
ISD=
±100mA
Specification
min
typ
max
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
100
V
VGSS
±20
V
ID
±5A
ID(pulse)
±10 (PW≤1ms, Du≤1%)
A
EAS*70
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j–a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j–c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=25V, L=4.2mH, ID=5A, unclamped, RG=50
Ω,see Fig. E on page 15.
PT
RDS(ON)
2
3
1
4
5
6
7
8
9
10
11
12
010
5
1
0
VDS (V)
4
2
3
24
68
3V
4V
10V
VGS=2.2V
2.8V
2.6V
2.4V
0
5
4
3
2
1
25
°C
125
°C
01
2
3
4
VGS (V)
TC=–40
°C
(VDS=10V)
VGS=4V
VGS=10V
0
0
100
50
200
150
ID (A)
1
2345
0.05
0.3
0.5
0.1
0.5
1
1
ID (A)
10
5
5
25
°C
125
°C
TC=–40
°C
(VDS=10V)
–40
50
0
50
100
150
300
100
150
200
250
350
TC (
°C)
VGS=10V
VGS=4V
(ID=2.5A)
0
1020
3040
50
20
50
100
500
2000
1000
Ciss
Coss
Crss
VDS (V)
VGS=0V
f=1MHz
0
0
0.5
1.0
1.5
5
4
3
VSD (V)
2
1
5V
10V
VGS= 0V
0.5
1
5
10
50
200
100
0.1
0.5
1
5
20
10
ID (pulse) max
VDS (V)
TC=25
°C
1-Circuit Operation
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
N-channel
General purpose
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics
External dimensions
A • • • SLA


Número de pieza similar - SLA5042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5040 SANKEN-SLA5040 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SLA5041 SANKEN-SLA5041 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041 Datasheet
35Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041 Datasheet
35Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
More results

Descripción similar - SLA5042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com