Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74697-1003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 74697-1003
Descripción Electrónicos  2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX9 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74697-1003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74697-1003 Datasheet HTML 1Page - Molex Electronics Ltd. 74697-1003 Datasheet HTML 2Page - Molex Electronics Ltd. 74697-1003 Datasheet HTML 3Page - Molex Electronics Ltd. 74697-1003 Datasheet HTML 4Page - Molex Electronics Ltd. 74697-1003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0746971003
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal
Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Backplane Connectors
Series
74697
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
No Keying Position
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
Open Pin Field
Number of Rows
5
Orientation
Vertical
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74697Series
Mates With
74670 HSD Daughtercard
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® 5 Row Pin
and Shield Repair
Tool
0622015810
VHDM® 5 Row
Shield Extraction
Tool
0622016010
VHDM-HSD™ Signal
Header, 5 Row by
0622020201


Número de pieza similar - 74697-1003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74697-1003 MOLEX-74697-1003 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

Descripción similar - 74697-1003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0746971013 MOLEX9-0746971013 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167)
0749811003 MOLEX9-0749811003 Datasheet
417Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167)
0746972503 MOLEX9-0746972503 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.25mm (.167)
0746972513 MOLEX9-0746972513 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.25mm (.167)
0749801003 MOLEX9-0749801003 Datasheet
429Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 4.25mm (.167)
0746512503 MOLEX8-0746512503 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 150 Circuits, Pin Length 4.25mm (.167")
0749812503 MOLEX9-0749812503 Datasheet
414Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.25mm (.167)
0746961013 MOLEX8-0746961013 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.25mm (.167")
0746961003 MOLEX8-0746961003 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.25mm (.167")
0746511003 MOLEX8-0746511003 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield End Version, 60 Circuits, Pin Length 4.25mm (.167
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com