Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-130006-035 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

No. de pieza SD-130006-035
Descripción Electrónicos  Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-035 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  SD-130006-035 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 3Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Número de pieza similar - SD-130006-035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 6.10m (20.0 ) Length
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 6.10m
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
More results

Descripción similar - SD-130006-035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1300060194 MOLEX11-1300060194 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
1300061706 MOLEX11-1300061706 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW
1300061700 MOLEX11-1300061700 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
1300061675 MOLEX-1300061675 Datasheet
60Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
02/01/2023
1300060192 MOLEX11-1300060192 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
1300070051 MOLEX-1300070051 Datasheet
28Kb / 2P
   Mini-Change B-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
04/24/2023
1300061438 MOLEX-1300061438 Datasheet
28Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023
1300061583 MOLEX-1300061583 Datasheet
28Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023
1300060995 MOLEX-1300060995 Datasheet
45Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023
1300060534 MOLEX-1300060534 Datasheet
37Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/20/2023
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com