Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-500817-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-500817-001
Descripción Electrónicos  2.50mm (.098") Pitch Wire-to-Wire Retainer, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500817-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-500817-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500817-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008170305
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire Retainer, 3 Circuits
Documents:
3D Model
Product Specification PS-500592-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
500817
Component Type
Retainer
Product Name
N/A
Physical
Circuits (Loaded)
3
Color - Resin
Gray
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Product Specification
PS-500592-001, RPS-500592-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500817Series
Use With
50397 , 500594 , 500595 , 500593 , 500592
, 50398
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-500817-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 5 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 2 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 7 Circuits
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com