Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-91814-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-91814-001
Descripción Electrónicos  2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 20 Circuits, Tin (Sn) over Nickel (Ni)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91814-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91814-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91814-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91814-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0918143120
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Dual Row Right Angle Shrouded Header, 20 Circuits,
Tin (Sn) over Nickel (Ni)
Documents:
3D Model
Product Specification PS-99020-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
91814
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.083 In
PC Tail Length (mm)
2.10 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91814Series
Mates With
90142 C-Grid III™ Crimp Housing. 90119 C-
Grid III™ Crimp Terminal


Número de pieza similar - SD-91814-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 34 Circuits, Tin (Sn)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 16 Circuits, Tin (Sn) over Nickel (Ni)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 8 Circuits, Tin
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 30 Circuits, Tin (Sn) over Nickel (Ni)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 12 Circuits, Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com