Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-95503-003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-95503-003
Descripción Electrónicos  8/8 JACK THRO. SHORT HOLE NO KEY VERSION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95503-003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-95503-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95503-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95503-003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-95503-003 Datasheet HTML 4Page - Molex Electronics Ltd. SD-95503-003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95003
Product Specification
PS-95503-001, RPS-503202-001, RPS-95503-002
Sales Drawing
SD-95503-003
Test Summary
STR-1181
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-95503-003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-95503-003 MOLEX11-SD-95503-003 Datasheet
265Kb / 6P
   4/4 JACK SMT VERSION
SD-95503-003 MOLEX11-SD-95503-003 Datasheet
266Kb / 6P
   6/6 JACK SMT VERSION
SD-95503-003 MOLEX11-SD-95503-003 Datasheet
200Kb / 5P
   6/4 JACK THROUGH HOLE NO KEY VERSION
SD-95503-003 MOLEX11-SD-95503-003 Datasheet
200Kb / 5P
   4/4 JACK THROUGH HOLE NO KEY VERSION
SD-95503-003 MOLEX11-SD-95503-003 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE NO KEY VERSION
More results

Descripción similar - SD-95503-003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0955036894 MOLEX11-0955036894 Datasheet
266Kb / 6P
   8/8 JACK SMT SHORT NO KEY VERSION
0955032881 MOLEX11-0955032881 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE NO KEY VERSION
0955032884 MOLEX1-0955032884_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Short, Tray
0955032882 MOLEX11-0955032882 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE WITH KEY VERSION
0955032881 MOLEX1-0955032881_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Tray
0955032882 MOLEX1-0955032882_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, With Key Version, Tray
0955032641 MOLEX11-0955032641 Datasheet
200Kb / 5P
   6/4 JACK THROUGH HOLE NO KEY VERSION
0955032661 MOLEX11-0955032661 Datasheet
200Kb / 5P
   6/6 JACK THROUGH HOLE NO KEY VERSION
0955032441 MOLEX11-0955032441 Datasheet
200Kb / 5P
   4/4 JACK THROUGH HOLE NO KEY VERSION
0955036894 MOLEX1-0955036894_18 Datasheet
33Kb / 2P
   Modular Jack,Vertical, Top Entry, Surface Mount, 8/8, Low Profile, Short, no Key, Tube
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com