Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-92321-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-92321-001
Descripción Electrónicos  1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50??to-QF-50, 10 Circuits, 0.30m (11.81") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-92321-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-92321-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-92321-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - SD-92321-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-92321-001 MOLEX11-SD-92321-001 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 40 Circuits,0.40m (1.31 ) Length
SD-92321-001 MOLEX11-SD-92321-001 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 26 Circuits, 0.20m (7.87") Length
SD-92321-001 MOLEX11-SD-92321-001 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 20 Circuits, 0.20m (7.87") Length
SD-92321-001 MOLEX11-SD-92321-001 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 16 Circuits, 0.10m (3.94") Length
SD-92321-001 MOLEX11-SD-92321-001 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 34 Circuits, 0.10m (3.94") Length
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com