Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-130006-021 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza SD-130006-021
Descripción Electrónicos  Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m (29.53 ) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-021 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-130006-021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ITEM
COMPONENT
MATERIAL
FINISH
MATERIAL
NUMBER
OLD PART
NUMBER
FINISHED LENGTH
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
1:1
SCALE
SD-130006-021
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
CORDSET AUTO
MINI-CHANGE 5P FP
16/5 AWG PVC AUTO
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
DRAFT WHERE
APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
ANGULAR ±1/2°
±.020
±.010
±.005
±---
±0.25
±0.13
±---
±---
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
C
C
A
0
0
SEE CHART


Número de pieza similar - SD-130006-021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-130006-021 MOLEX11-SD-130006-021 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
More results

Descripción similar - SD-130006-021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1300061247 MOLEX11-1300061247 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300061309 MOLEX11-1300061309 Datasheet
146Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84 )
1300061263 MOLEX11-1300061263 Datasheet
158Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300610025 MOLEX11-1300610025 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610030 MOLEX11-1300610030 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300061356 MOLEX11-1300061356 Datasheet
165Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 5 Poles, 4.57M (15.0 ) Length
1300061384 MOLEX11-1300061384 Datasheet
157Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight, Female to Pigtail, 5 Poles,4.57m (15.0 ) Length
1300060287 MOLEX11-1300060287 Datasheet
178Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060308 MOLEX11-1300060308 Datasheet
155Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060374 MOLEX11-1300060374 Datasheet
175Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 30.0m (98.40 ) Length
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com