Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-98982-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-98982-001
Descripción Electrónicos  2.54mm (.100") Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, Blue
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-98982-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-98982-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-98982-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0989821016
Status:
Active
Overview:
mox_crimp_terminals
Description:
2.54mm (.100") Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, Blue
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98982
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Breakaway
No
Circuits (maximum)
20
Color - Resin
Blue
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
No
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
6A
Material Info
Old Part Number
74106316
Reference - Drawing Numbers
Application Specification
AS-98982-001
Packaging Specification
PK-98982-002
Sales Drawing
SD-98982-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98982Series
Mates With
Contact Molex
Use With
98658 MOX Crimp Terminal
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-98982-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-98982-002 MOLEX11-SD-98982-002 Datasheet
306Kb / 3P
   2.54mm (.100") Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Black
SD-98982-002 MOLEX11-SD-98982-002 Datasheet
306Kb / 3P
   2.54mm (.100") Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Blue
SD-98982-002 MOLEX11-SD-98982-002 Datasheet
306Kb / 3P
   2.54mm (.100") Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, White
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com