Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-105019-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-105019-001
Descripción Electrónicos  0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold (Au)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105019-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-105019-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105019-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105019-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105019-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-105019-001
Product Specification
PS-47272-001
Sales Drawing
SD-105019-001
Test Summary
TS-105019-001
* DisplayPort is a Trademark of VESA
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-105019-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-105019-001 MOLEX11-SD-105019-001 Datasheet
243Kb / 4P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au)
SD-105019-001 MOLEX11-SD-105019-001 Datasheet
243Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au) Flash Plating
SD-105019-001 MOLEX11-SD-105019-001 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com