Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-105130-100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-105130-100
Descripción Electrónicos  Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105130-100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-105130-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-105130-100
Sales Drawing
SD-105130-100
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-105130-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-105130-100 MOLEX11-SD-105130-100 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
SD-105130-100 MOLEX11-SD-105130-100 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
More results

Descripción similar - SD-105130-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1051312000 MOLEX11-1051312000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301002 MOLEX11-1051301002 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051312001 MOLEX11-1051312001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051301001 MOLEX11-1051301001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051311002 MOLEX11-1051311002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type Front Solder
1051311001 MOLEX11-1051311001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type Front Solder
0474036202 MOLEX6-0474036202 Datasheet
229Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith SMT type Front Solder Tabs, Reverse Mount on Recessed PCB, Lead free
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0474038002 MOLEX6-0474038002 Datasheet
204Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com