Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-500254-006 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza SD-500254-006
Descripción Electrónicos  HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500254-006 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-500254-006 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500254-006 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500254-006 Datasheet HTML 3Page - Molex Electronics Ltd. SD-500254-006 Datasheet HTML 4Page - Molex Electronics Ltd. SD-500254-006 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Número de pieza similar - SD-500254-006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-500254-006 MOLEX11-SD-500254-006 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
More results

Descripción similar - SD-500254-006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
5002541941 MOLEX11-5002541941 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
5002541927 MOLEX11-5002541927 Datasheet
237Kb / 5P
   HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
5022370517 MOLEX1-5022370517 Datasheet
47Kb / 2P
   USB Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
5000750517 MOLEX1-5000750517 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0548190519 MOLEX1-0548190519_18 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
5000751517 MOLEX1-5000751517_18 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
0471510002 MOLEX6-0471510002 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm
0471511132 MOLEX6-0471511132 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm
0471511032 MOLEX6-0471511032 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm (.071")
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com