Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-503182-003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-503182-003
Descripción Electrónicos  1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-503182-003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-503182-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-503182-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-503182-003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-503182-003 Datasheet HTML 4Page - Molex Electronics Ltd. SD-503182-003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5031820852
Status:
Active
Description:
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push-
Push Type, 1.45mm (.057") Height, Anti-card fly-out
Documents:
3D Model
Product Specification PS-503182-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
503182
Button Type
Push-Push
Comments
Anti-card fly-out
Component Type
Header & Ejector (Host)
Product Name
microSD Card
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
8
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Gold, Tin
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In
Pitch - Mating Interface (mm)
1.10 mm
Ports
1
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
10V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-503182-002, RPS-503182-010, RPS-503182-012,
RPS-503182-013
Sales Drawing
SD-503182-003, SD-503182-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503182Series
Use With
microSD Card
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-503182-003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-503105-001 MOLEX11-SD-503105-001 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059")
SD-503105-001 MOLEX11-SD-503105-001 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059") Stacking
SD-503105-002 MOLEX11-SD-503105-002 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059")
SD-503105-002 MOLEX11-SD-503105-002 Datasheet
354Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.50mm (.059") Stacking
SD-503108-001 MOLEX11-SD-503108-001 Datasheet
299Kb / 4P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com