Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA-QFE44SA-L-Z-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza CA-QFE44SA-L-Z-T-01
Descripción Electrónicos  Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE44SA-L-Z-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-QFE44SA-L-Z-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View
Side View
0.320"Assembled
0.228"
0.764"
2.500"
1.400"
Description: Carrier Adaptor
44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP
emulator foot. The foot is designed to replace a 44 pin 0.8mm pitch device. The 2 piece adaptor interconnects
via a gold plated (0.05" center) Mini-grid socket interface.
All tolerances are ±0.005" unless otherwise specified. Materials and specifications are subject to change without notice.
Date: 01/16/95
CA-QFE44SA-L-Z-T-01 DRAWING
Rev: C
Status: Released
File: CA-QFE044SA-L-Z-T-01 Dwg
ECO#
Scale: 2:1
Drawing: C. Hautman
Material: 0.0625" ± 0.007" Fr4/G10
1
Pins: shell material- Brass; finish-
10µ" Gold over 50µ" Nickel (min.).
2
Test Points: 0.25" sq. post. Gold flash
on contact area, 150µ" Tin on tail.
3
0.480"
0.251"
3
2
1
USES SF-QFE44SA-L-01 Foot
© 1995 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com


Número de pieza similar - CA-QFE44SA-L-Z-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-QFE44SA-M-Z-T-01 IRONWOOD-CA-QFE44SA-M-Z-T-01 Datasheet
40Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position (0.05" center) Mini-grid socket interface.
More results

Descripción similar - CA-QFE44SA-L-Z-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-QFE44SB-L-Z-T-01 IRONWOOD-CA-QFE44SB-L-Z-T-01 Datasheet
22Kb / 1P
   QFP CARRIER ADAPTOR 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position surface mountable QFP emulator foot.
CA-QFE52SB-L-Z-T-01 IRONWOOD-CA-QFE52SB-L-Z-T-01 Datasheet
22Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
CA-QFE52SA-M-Z-T-01 IRONWOOD-CA-QFE52SA-M-Z-T-01 Datasheet
20Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket with test points to 52 position surface mountable QFP emulator foot.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE52SA-L-Z-01 IRONWOOD-CA-QFE52SA-L-Z-01 Datasheet
17Kb / 1P
   Carrier Adaptor 52 position (0.65mm pitch) QFP Zero Insertion Force socket to 52 position surface mountable QFP emulator foot.
CA-QFE64RA-L-Z-T-01 IRONWOOD-CA-QFE64RA-L-Z-T-01 Datasheet
45Kb / 1P
   Carrier Adaptor (CA) 64 position (1.00mm pitch) QFP zero insertion force (ZIF) socket with test points to 64 position surface mountable QFP emulator foot.
CA-QFE44SA-M-Z-T-01 IRONWOOD-CA-QFE44SA-M-Z-T-01 Datasheet
40Kb / 1P
   Carrier Adaptor 44 position (0.8mm pitch) QFP Zero Insertion Force socket with test points to 44 position (0.05" center) Mini-grid socket interface.
CA-PLCC44-D-P-T-01 IRONWOOD-CA-PLCC44-D-P-T-01 Datasheet
28Kb / 1P
   CARRIER ADAPTOR: 44 position socket with test points to 44 position surface mountable foot.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com