Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G02_101 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74AUP1G02_101
Descripción Electrónicos  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02_101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G02_101 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 9Page - Texas Instruments SN74AUP1G02_101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN74AUP1G02
SCES568G – JUNE 2004 – REVISED MARCH 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
22.3
1.2 V ± 0.1 V
1.5
8.5
14.9
1
17.9
1.5 V ± 0.1 V
1
6.2
10.2
0.5
11.8
tpd
A or B
Y
ns
1.8 V ± 0.15 V
1
5
7.9
0.5
9.5
2.5 V ± 0.2 V
1
3.6
5.4
0.5
6.5
3.3 V ± 0.3 V
1
2.9
4.4
0.5
5
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
25
1.2 V ± 0.1 V
3.6
9.9
16.5
3.1
20.6
1.5 V ± 0.1 V
2.3
7.2
11.3
1.8
13.7
tpd
A or B
Y
ns
1.8 V ± 0.15 V
1.6
5.8
8.9
1.1
11.1
2.5 V ± 0.2 V
1
4.3
6.1
0.5
7.7
3.3 V ± 0.3 V
1
3.4
5
0.5
6.2
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
34.6
1.2 V ± 0.1 V
4.9
13.1
21.1
4.4
26.2
1.5 V ± 0.1 V
3.4
9.5
14.4
2.9
17.4
tpd
A or B
Y
ns
1.8 V ± 0.15 V
2.5
7.7
11.2
2
14
2.5 V ± 0.2 V
1.8
5.7
7.8
1.3
9.8
3.3 V ± 0.3 V
1.5
4.7
6.4
1
7.8
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4.1
1.2 V ± 0.1 V
4.1
1.5 V ± 0.1 V
4.1
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
4.1
2.5 V ± 0.2 V
4.2
3.3 V ± 0.3 V
4.3
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G02


Número de pieza similar - SN74AUP1G02_101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
More results

Descripción similar - SN74AUP1G02_101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com