Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CB3Q3253RGYRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74CB3Q3253RGYRG4
Descripción Electrónicos  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74CB3Q3253RGYRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74CB3Q3253RGYRG4 Datasheet HTML 1Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 2Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 3Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 4Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 5Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 6Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 7Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 8Page - Texas Instruments 74CB3Q3253RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
S1
1B4
1B3
1B2
1B1
1A
GND
VCC
2OE
S0
2B4
2B3
2B2
2B1
2A
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
2OE
S0
2B4
2B3
2B2
2B1
S1
1B4
1B3
1B2
1B1
1A
DESCRIPTION/ORDERING INFORMATION
SN74CB3Q3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS145A – OCTOBER 2003 – REVISED MARCH 2005
Data and Control Inputs Provide Undershoot
Clamp Diodes
High-Bandwidth Data Path (up to 500 MHz (1))
Low Power Consumption (I
CC = 0.6 mA Typ)
5-V Tolerant I/Os With Device Powered Up or
Powered Down
V
CC Operating Range From 2.3 V to 3.6 V
Low and Flat ON-State Resistance (r
on)
Data I/Os Support 0- to 5-V Signal Levels (0.8
Characteristics Over Operating Range
V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
(r
on = 4 Ω Typ)
Control Inputs Can be Driven by TTL or
Rail-to-Rail Switching on Data I/O Ports
5-V/3.3-V CMOS Outputs
– 0- to 5-V Switching With 3.3-V V
CC
I
off Supports Partial-Power-Down Mode
Operation
– 0- to 3.3-V Switching With 2.5-V V
CC
Latch-Up Performance Exceeds 100 mA Per
Bidirectional Data Flow With Near-Zero
JESD 78, Class II
Propagation Delay
ESD Performance Tested Per JESD 22
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
– 2000-V Human-Body Model (A114-B,
(C
io(OFF) = 3.5 pF Typ)
Class II)
Fast Switching Frequency (f
OE = 20 MHz Max)
– 1000-V Charged-Device Model (C101)
Supports Both Digital and Analog
(1)
For additional information regarding the performance
Applications: USB Interface, Differential
characteristics of the CB3Q family, refer to the TI application
Signal Interface Bus Isolation, Low-Distortion
report CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
Signal Gating
The SN74CB3Q3253 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of
the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows
for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device
also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus.
Specifically designed to support high-bandwidth applications, the SN74CB3Q3253 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - 74CB3Q3253RGYRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74CB3Q3253RGYRG4 TI-74CB3Q3253RGYRG4 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
74CB3Q3253RGYRG4 TI1-74CB3Q3253RGYRG4 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 1-of-4 FET Multiplexer ??Demultiplexer
More results

Descripción similar - 74CB3Q3253RGYRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305_09 Datasheet
457Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com