Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G00YFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G00YFPR
Descripción Electrónicos  LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G00YFPR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G00YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G00YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74AUP1G00
SCES604G – SEPTEMBER 2004 – REVISED MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
A
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G00


Número de pieza similar - SN74AUP1G00YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G00YFPR TI-SN74AUP1G00YFPR Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00YFPR TI1-SN74AUP1G00YFPR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
More results

Descripción similar - SN74AUP1G00YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com