Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC595DWE4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74HC595DWE4
Descripción Electrónicos  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595DWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC595DWE4 Datasheet HTML 2Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 3Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 4Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 5Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 6Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 7Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 8Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 9Page - Texas Instruments SN74HC595DWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SN54HC595
SN74HC595
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC595
SN74HC595
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.998
1.9
1.9
IOH = −20 μA
4.5 V
4.4
4.499
4.4
4.4
6 V
5.9
5.999
5.9
5.9
VOH
VI = VIH or VIL
QH′, IOH = −4 mA
3.98
4.3
3.7
3.84
V
4.5 V
QA−QH, IOH = −6 mA
3.98
4.3
3.7
3.84
QH′, IOH = −5.2 mA
5.48
5.8
5.2
5.34
6 V
QA−QH, IOH = −7.8 mA
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 μA
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
QH′, IOL = 4 mA
0.17
0.26
0.4
0.33
V
4.5 V
QA−QH, IOL = 6 mA
0.17
0.26
0.4
0.33
QH′, IOL = 5.2 mA
0.15
0.26
0.4
0.33
6 V
QA−QH, IOL = 7.8 mA
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0, QA−QH
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0, IO = 0
6 V
8
160
80
µA
2 V
Ci
3
10
10
10
pF
to 6 V
6
Submit Documentation Feedback
Copyright © 1982–2009, Texas Instruments Incorporated
Product Folder Link(s): SN54HC595 SN74HC595


Número de pieza similar - SN74HC595DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC595DWE4 TI-SN74HC595DWE4 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Descripción similar - SN74HC595DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com