Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5578 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5578
Descripción Electrónicos  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5578 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5578 Datasheet HTML 1Page - Texas Instruments DAC5578 Datasheet HTML 2Page - Texas Instruments DAC5578 Datasheet HTML 3Page - Texas Instruments DAC5578 Datasheet HTML 4Page - Texas Instruments DAC5578 Datasheet HTML 5Page - Texas Instruments DAC5578 Datasheet HTML 6Page - Texas Instruments DAC5578 Datasheet HTML 7Page - Texas Instruments DAC5578 Datasheet HTML 8Page - Texas Instruments DAC5578 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
DAC5578
DAC6578
DAC7578
www.ti.com
SBAS496A – MARCH 2010 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS
At AVDD = 2.7V to 5.5V and over –40°C to +125°C, unless otherwise noted.
DAC5578, DAC6578, DAC7578
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
STATIC PERFORMANCE(1)
Resolution
8
Bits
DAC5578
Relative accuracy
Measured by the line passing through codes 4 and 250
±0.01
±0.25
LSB
Differential nonlinearity
±0.01
±0.25
LSB
Resolution
10
Bits
Measured by the line passing through codes 12 and
DAC6578
Relative accuracy
±0.06
±0.5
LSB
1012
Differential nonlinearity
±0.03
±0.5
LSB
Resolution
12
Bits
Measured by the line passing through codes 30 and
DAC7578
Relative accuracy
±0.3
±1
LSB
4050
Differential nonlinearity
±0.1
±0.25
LSB
Extrapolated from two-point line passing through two
Offset error
0.5
±4
mV
codes(2), unloaded
Offset error drift
3
mV/°C
Full-scale error
DAC register loaded with all '1's
±0.03
±0.2
% of FSR
Full-scale error drift
2
mV/°C
Zero-code error
DAC register loaded with all '0's
1
4
mV
Zero-code error drift
2
mV/°C
Extrapolated from two-point line passing through two
Gain error
±0.01
±0.15
% of FSR
codes(2), unloaded
ppm of
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(3)
Output voltage range
0
AVDD
V
DACs unloaded, 1/4 scale to 3/4 scale
7
ms
Output voltage settling time
RL = 1MΩ and CL = 470pF
12
ms
Slew rate
0.75
V/ms
RL = ∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
pF
Code change glitch impulse
1LSB change around major carry
0.15
nV-s
Digital feedthrough
SCL toggling
1.5
nV-s
Power-on glitch
RL = ∞
3
mV
Channel-to-channel dc crosstalk
Full-scale swing on adjacent channel
0.1
LSB
DC output impedance
At midscale input
4.5
Short-circuit current
DAC outputs shorted to GND
25
mA
Power-up time (including settling time)
Coming out of power-down mode, AVDD = 5V
50
ms
(1)
Linearity calculated using a reduced code range; output unloaded.
(2)
12-bit: 30 and 4050; 10-bit: 12 and 1012; 8-bit: 4 and 250
(3)
Specified by design or characterization; not production tested.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5578 DAC6578 DAC7578


Número de pieza similar - DAC5578

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
625Kb / 23P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
625Kb / 23P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5578

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com